Part Number Hot Search : 
W6NC90 CT6TP503 VS1103B TD62074P BLF10 124098 Z8420F TVR06J
Product Description
Full Text Search
 

To Download MMXZ5227B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l planar die construction l 200mw power dissipation l zener voltages from 2.4v - 39v l ideally suited for automated assembly processes mechanical data l case: sod - 323 molded plastic l terminals: solderable per mil-std-202, method 208 l approx. weight: 0.008 gram l mounting position: any l storage & operating ju nct i on temperature: - 55 o c to +150 o c maximum ratings @ 25 o c unless otherwise specified zener current i f 100 ma maximum forward voltage v f 1.2 v power dissipation ( no te s a ) p (av) 2 00 mwatt pe ak f o r w ar d s ur ge i f sm 2 . 0 a mps notes: mmxz5221 b thru mmxz52 59 b 200 mw zener diodes 2.4 to 39 volts mcc ww w . mccsemi .com a. mounted on 5.0mm2(.013mm thick) l a nd ar e a s . b. me a sured on 8.3ms, single ha l f sine-wave or equivalent c ur rent (not e s b) square wave, duty cycle = 4 pulses per minute maximum . inches mm dim min max min ma x note a .090 .107 2.30 2.70 b .06 8 .07 8 1. 75 1. 9 5 c .045 .05 4 1.15 1.35 d .0 27 .0 38 0. 7 0 0. 95 e .0 09 .01 4 0.25 0. 35 f .00 2 .0 06 0. 05 0. 1 5 g . 012 --- 0. 30 --- sod323 0. 0 31 ? 0.0 59 " 0.0 39 ? suggested solder pad layout a b e c d f g dimensions         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #   
ww w . mccsemi .com note: 1 . t oler a nce a nd t ype number d e sig n ation. the type numbers listed have a st a ndard toler a nce on the nominal zener voltage of 5%. 2. specials available include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances. b. matched sets. 3. zener voltage (v z ) measurement. guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge curr ent of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device capability is as described in figure 5. mm x z5221 b th ru mm x z52 59 b mcc electrical characteristics @ 25 o c unless otherwise specified normal zener voltage vz@ izt test current izt maximum zener impedance ?b? suffix only zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp coefficient ?b? suffix only mcc part number marking volts ma ohms ohms ua volts %/ o c mm x z5221b c1 2.4 20 30 1200 100 1.0 - 0.085 mm x z5222b c2 2.5 20 30 1250 100 1.0 - 0.085 mm x z5223b c3 2.7 20 30 1300 75 1.0 - 0.080 mm x z5225b c5 3.0 20 29 1600 50 1.0 - 0.075 mm x z5226b d1 3.3 20 28 1600 25 1.0 - 0.070 mm x z522 7b d2 3.6 20 24 1700 15 1.0 - 0.065 mm x z5228b d3 3.9 20 23 1900 10 1.0 - 0.060 mm x z5229b d4 4.3 20 22 2000 5.0 1.0 0.055 mm x z5230b d5 4.7 20 19 1900 5.0 2.0 0.030 mm x z5231b e1 5.1 20 17 1600 5.0 2.0 0.030 mm x z5232b e2 5.6 20 11 1600 5.0 3.0 +0.038 mm x z5234b e4 6.2 20 7.0 1000 5.0 4.0 +0.045 mm x z5235b e5 6.8 20 5.0 750 3.0 5.0 +0.050 mm x z5236b f1 7.5 20 6.0 500 3.0 6.0 +0.058 mm x z5237b f2 8.2 20 8.0 500 3.0 6.5 +0.062 mm x z5239b f4 9.1 20 10 600 3.0 7.0 +0.068 mm x z5240b f5 10 20 17 600 3.0 8.0 +0.075 mm x z5241b h1 11 20 22 600 2.0 8.4 +0.076 mm x z5242b h2 12 20 30 600 1.0 9.1 +0.077 mm x z5243b h3 13 9.5 13 600 0.5 9.9 +0.079 mm x z5245b h5 15 8.5 16 600 0.1 11 +0.082 mm x z5246b j1 16 7.8 17 600 0.1 12 +0.083 mm x z5248b j3 18 7.0 21 600 0.1 14 +0.085 mm x z5250b j5 20 6.2 25 600 0.1 15 +0.086 mm x z5251b k1 22 5.6 29 600 0.1 17 +0.087 mm x z5252b k2 2 4 5.2 33 600 0.1 18 +0.088 mm x z5254b k4 27 4.6 41 600 0.1 21 +0.090 mm x z5255b k5 28 4.5 44 600 0.1 21 +0.091 mm x z5256b m1 30 4.2 49 600 0.1 23 +0.091 mm x z5257b m2 33 3.8 58 700 0.1 25 +0.092 mm x z5258b m3 36 3.4 70 700 0.1 27 +0.093 mm x z5259b m4 39 3 .2 80 800 0.1 30 +0.094
mm x z5221 b th ru mm x z52 59 b ww w . mccsemi .com mcc typical reverse current tempera ture c oefficient ,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 steady s tate power derating effect of zener voltage on zener impedance 100101 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) for w ard c urrent ,m a typical forward voltage forward voltage, volts 1.21.11.00.90.80.70.60.50.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 101 bias at 50% of v z nom 0 v bias 1 v bias cap acit ance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture c oefficient ,mv / c) o 10 100 temperature ( c) o power d issip a tion, w atts steady s tate power derating 1.2 1.0 0.8 0.6 0.4 0.2 0 150125100755025 p dv . s .t a 155
mm x z5221b th ru mm x z52 59b mcc ww w . mccsemi .com zener voltage v.s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80706050403020100 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 1086420 zener current ,m a zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener voltage v.s. zener current zener current ,m a


▲Up To Search▲   

 
Price & Availability of MMXZ5227B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X